Part Number Hot Search : 
001140 FRX130R1 XN421F 2SK18 C106K9 D1915 IR333 MAC15
Product Description
Full Text Search
 

To Download CZRB3027-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smd zener diode v oltage: 6.2 to 200 v olts power: 3 w atts rohs device page 1 rev :b czrb3005-g thru czrb3200-g ratings and electrical characteristics (1) tl = lead temperature at 3/8 (9.5mm) from body . qw -bz022 d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) d o - 2 1 4 a a ( s m b ) 0.155(3.94) 0.130 (3.30) 0.087(2.20) 0.077(1.96) 0.217(5.50) 0.201(5.10) 0.012(0.30) 0.006(0.15) 0.008(0.20) 0.060(1.52) 0.030(0.75) 0.096(2.44) 0.084(2.13) 0.191 (4.85) 0.171 (4.35) comchip t echnology co., l td. 0.001(0.02) features mechanical data -low leakage -built-in strain telief -low inductance -glass passivated chip -high peak reverse power dissipation -for use in stabilizing and clipping with with high power rating. -case: do-214aa(smb),molded plastic, -epoxy: ul 94v -0 rate flame retardant -polarity: color band denotes cathode end. -lead: solderable per mil-std- 750, method 2026 guranteed. -mounting position: any -w eight: 0.1 grams st or an ge te mp era tur e r an ge p ar am et er s ym bo l v al ue 1.5 3 -55 to +1 50 u ni t v w ju nc tio n t em pe rat ur e r an ge -55 to +1 50 c t j p d v f t stg c forward v oltage drop at i f = 200 ma dc power dissipation at t l = 50c (note 1) c o m c h i p s m d d i o d e s p e c i a l i s t
electrical characteristics(t a = 25c) mark ing code p a r t n u m b e r v z @ i z t (o h m ) z z t @ i z t ir @ v r m a x im u m m a x im u m r e v e r s e l e a k a g e c u r r e n t c z r b 3 0 0 7 -g 7 .5 iz t (v ) (m a ) z e n e r v o lt a g e n o m in a l 1 0 0 .0 2 .0 7 0 0 0 .5 (o h m ) z z k @ i z k iz k (m a ) z e n e r i m p e d a n c e (u a ) (v ) m a x im u m d c z e n e r c u r r e n t iz m (m a ) 5 0 .0 5 .0 3 6 0 3 a 2 c z r b 3 0 0 5 -g 6 .2 1 2 1 .0 1 .5 7 0 0 1 .0 5 0 .0 3 .0 4 3 5 3 a 0 c z r b 3 0 0 8 -g 8 .2 9 1 .0 2 .3 7 0 0 0 .5 5 0 .0 6 .0 3 3 0 3 a 3 c z r b 3 0 0 9 -g 9 .1 8 2 .0 2 .4 7 0 0 0 .5 5 0 .0 7 .0 2 9 7 3 a 4 c z r b 3 0 1 0 -g 1 0 .0 7 5 .0 3 .5 7 0 0 0 .2 5 5 0 .0 7 .6 2 7 0 3 a 5 c z r b 3 0 1 1 -g 1 1 .0 6 8 .0 4 .0 7 0 0 0 .2 5 5 0 .0 8 .4 2 2 5 3 a 6 c z r b 3 0 1 2 -g 1 2 .0 6 3 .0 4 .5 7 0 0 0 .2 5 1 .0 9 .1 2 4 6 3 a 7 c z r b 3 0 1 3 -g 1 3 .0 5 8 .0 4 .5 7 0 0 0 .2 5 0 .5 9 .9 2 0 8 3 a 8 c z r b 3 0 1 5 -g 1 5 .0 5 0 .0 5 .5 7 0 0 0 .2 5 0 .5 1 1 .4 1 8 0 3 b 0 c z r b 3 0 1 6 -g 1 6 .0 4 7 .0 5 .5 7 0 0 0 .2 5 0 .5 1 2 .2 1 6 9 3 b 1 c z r b 3 0 1 8 -g 1 8 .0 4 2 .0 6 .0 7 5 0 0 .2 5 0 .5 1 3 .7 1 5 0 3 b 3 c z r b 3 0 2 0 -g 2 0 .0 3 7 .0 7 .0 7 5 0 0 .2 5 0 .5 1 5 .2 1 3 5 3 b 5 c z r b 3 0 2 2 -g 2 2 .0 3 4 .0 8 .0 7 5 0 0 .2 5 0 .5 1 6 .7 1 2 3 3 b 6 c z r b 3 0 2 4 -g 2 4 .0 3 1 .0 9 .0 7 5 0 0 .2 5 0 .5 1 8 .2 1 1 2 3 b 7 c z r b 3 0 2 7 -g 2 7 .0 2 8 .0 1 0 .0 7 5 0 0 .2 5 0 .5 2 0 .6 1 0 0 3 b 8 c z r b 3 0 3 0 -g 3 0 .0 2 5 .0 1 6 .0 1 0 0 0 0 .2 5 0 .5 2 2 .5 9 0 3 c 0 c z r b 3 0 3 3 -g 3 3 .0 2 3 .0 2 0 .0 1 0 0 0 0 .2 5 0 .5 2 5 .1 8 2 3 c 1 c z r b 3 0 3 6 -g 3 6 .0 2 1 .0 2 2 .0 1 0 0 0 0 .2 5 0 .5 2 7 .4 7 5 3 c 2 c z r b 3 0 3 9 -g 3 9 .0 1 9 .0 2 8 .0 1 0 0 0 0 .2 5 0 .5 2 9 .7 6 9 3 c 3 c z r b 3 0 4 3 -g 4 3 .0 1 7 .0 3 3 .0 1 5 0 0 0 .2 5 0 .5 3 2 .7 6 3 3 c 4 c z r b 3 0 4 7 -g 4 7 .0 1 6 .0 3 8 .0 1 5 0 0 0 .2 5 0 .5 3 5 .6 5 7 3 c 5 c z r b 3 0 5 1 -g 5 1 .0 1 5 .0 4 5 .0 1 5 0 0 0 .2 5 0 .5 3 8 .8 5 3 3 c 6 c z r b 3 0 5 6 -g 5 6 .0 1 3 .0 5 0 .0 2 0 0 0 0 .2 5 0 .5 4 2 .6 4 8 3 c 7 c z r b 3 0 6 2 -g 6 2 .0 1 2 .0 5 5 .0 2 0 0 0 0 .2 5 0 .5 4 7 .1 4 4 3 c 8 c z r b 3 0 6 8 -g 6 8 .0 1 1 .0 7 0 .0 2 0 0 0 0 .2 5 0 .5 5 1 .7 4 0 3 c 9 c z r b 3 0 7 5 -g 7 5 .0 1 0 .0 8 5 .0 2 0 0 0 0 .2 5 0 .5 5 6 .0 3 6 3 f 0 c z r b 3 0 8 2 -g 8 2 .0 9 .1 9 5 .0 3 0 0 0 0 .2 5 0 .5 6 2 .2 3 3 3 f 1 c z r b 3 0 9 1 -g 9 1 .0 8 .2 1 1 5 .0 3 0 0 0 0 .2 5 0 .5 6 9 .2 3 0 3 f 2 c z r b 3 1 0 0 -g 1 0 0 .0 7 .5 1 6 0 .0 3 0 0 0 0 .2 5 0 .5 7 6 .0 2 7 3 f 3 czrb3006-g 6 .8 1 1 0 .0 2 .0 7 0 0 1 .0 5 0 .0 4 .0 3 9 3 3 a 1 c z r b 3 0 1 4 -g 1 4 .0 5 3 .0 5 .0 7 0 0 0 .2 5 0 .5 1 0 .6 1 9 3 3 a 9 c z r b 3 0 1 7 -g 1 7 .0 4 4 .0 6 .0 7 5 0 0 .2 5 0 .5 1 3 .0 1 5 9 3 b 2 c z r b 3 0 1 9 -g 1 9 .0 4 0 .0 7 .0 7 5 0 0 .2 5 0 .5 1 4 .4 1 4 2 3 b 4 c z r b 3 0 2 8 -g 2 8 .0 2 7 .0 1 2 .0 7 5 0 0 .2 5 0 .5 2 1 .0 9 6 3 b 9 n o te s : (1 ) t h e t y p e n u m b e r li s te d h a v e a s ta n d a rd t o le ra n c e o n t h n o m in a l z e n e r v o lt a g e o f 5 % . (2 ) t h e r e v e rs e s u rg e c u rr e n t is a n o n -r e p e ti ti v e ,8 .3 m s p u ls e w id th s q u a re w a v e o r e q u iv a le n t s in e -w a v e s u p e ri m p o s e d o n i z t p e r j e d e c m e th o d . smd zener diode page 2 rev :b qw -bz022 comchip t echnology co., l td. c o m c h i p s m d d i o d e s p e c i a l i s t
electrical characteristics(t a = 25c) n o te s : (1 ) t h e t y p e n u m b e r li s te d h a v e a s ta n d a rd t o le ra n c e o n t h n o m in a l z e n e r v o lt a g e o f 5 % . (2 ) t h e r e v e rs e s u rg e c u rr e n t is a n o n -r e p e ti ti v e ,8 .3 m s p u ls e w id th s q u a re w a v e o r e q u iv a le n t s in e -w a v e s u p e ri m p o s e d o n i z t p e r j e d e c m e th o d . c z r b 3 1 1 0 -g 1 1 0 .0 6 .8 2 2 5 .0 4 0 0 0 0 .2 5 0 .5 8 3 .6 2 5 3 f 4 c z r b 3 1 2 0 -g 1 2 0 .0 6 .3 3 0 0 .0 4 5 0 0 0 .2 5 0 .5 9 1 .2 2 2 3 f 5 c z r b 3 1 3 0 -g 1 3 0 .0 5 .8 3 7 5 .0 5 0 0 0 0 .2 5 0 .5 9 8 .8 2 1 3 f 6 c z r b 3 1 5 0 -g 1 5 0 .0 5 .0 5 5 0 .0 6 0 0 0 0 .2 5 0 .5 1 1 4 .0 1 8 3 f 8 c z r b 3 1 6 0 -g 1 6 0 .0 4 .7 6 2 5 .0 6 5 0 0 0 .2 5 0 .5 1 2 1 .6 17 3 f 9 c z r b 3 1 8 0 -g 1 8 0 .0 4 .2 7 0 0 .0 7 0 0 0 0 .2 5 0 .5 1 3 6 .8 1 5 3 g 2 c z r b 3 1 9 0 -g 1 9 0 .0 4 .0 8 0 0 .0 8 0 0 0 0 .2 5 0 .5 1 4 4 .8 1 4 3 g 3 c z r b 3 1 4 0 -g 1 4 0 .0 5 .3 4 7 5 .0 5 0 0 0 0 .2 5 0 .5 1 0 6 .4 1 9 3 f 7 c z r b 3 1 7 0 -g 1 7 0 .0 4 .4 6 5 0 .0 7 0 0 0 0 .2 5 0 .5 1 3 0 .4 16 3 g 1 c z r b 3 2 0 0 -g 2 0 0 .0 3 .7 8 7 5 .0 8 0 0 0 0 .2 5 0 .5 1 5 2 .0 1 3 3 g 4 mark ing code p a r t n u m b e r v z @ i z t (o h m ) z z t @ i z t ir @ v r m a x im u m m a x im u m r e v e r s e l e a k a g e c u r r e n t iz t (v ) (m a ) z e n e r v o lt a g e n o m in a l (o h m ) z z k @ i z k iz k (m a ) z e n e r i m p e d a n c e (u a ) (v ) iz m (m a ) m a x im u m d c z e n e r c u r r e n t smd zener diode page 3 rev :b qw -bz022 comchip t echnology co., l td. c o m c h i p s m d d i o d e s p e c i a l i s t
l e a d le n g t h t o h e a t s in k ( in c h e s ) p e a k s u r g e p o w e r ( w ) pulse width (ms) p o w e r d i s s i p a t i o n ( w ) lead t emperature (c) 0 3 . 0 1 . 5 1 . 0 0 . 5 0 1 7 5 1 2 5 1 0 0 7 5 5 0 2 5 1 5 0 r a t in g a n d c h a r a c t e r is t ic c u r v e s ( c z r b 3 0 0 5 - g t h r u c z r b 3 2 0 0 b - g ) j u n c t i o n t o l e a d t h e r m a l r e s i s t a n c e ( c / w ) 0 2 0 4 0 8 0 0 0 . 2 0 . 4 0 . 8 1 . 0 0 . 9 0 . 7 0 . 3 0 . 1 6 0 0 . 5 0 . 6 0 . 1 1 0 0 1 0 1 1 0 1 0 0 1 0 0 0 j u n c t i o n t o l e a d t r i e n s i e n t t h e r m a l pulse width (ms) 0 . 0 0 0 1 0 . 1 0 . 1 0 . 0 0 1 0 . 0 1 1 0 1 0 0 1 1 0 1 r e s i s t a n c e ( c / w ) d=0.5 d=0.2 d=0.1 d=0.05 d=0.02 d=0.01 d=0 d=note:below 0.1 second, thermal response curve is 200 zener voltage(v) t e m p e r a t u r e c o e f f i c i e n t , ( m v / c ) 1 0 0 1 0 1 0 0 0 0 range 40 120 160 80 2 . 5 2 . 5 2 . 5 2 . 0 2 . 5 fig.1 power temperature derating current fig.2 t emperature coef ficients v .s. zener v oltage fig.3 t ypical thermal resistance v .s. lead length fig.4 maximum surge power fig.5 t ypical thermal response l, lead length=3/8 inch smd zener diode page 4 rev :b qw -bz022 comchip t echnology co., l td. c o m c h i p s m d d i o d e s p e c i a l i s t
o 1 2 0 t railer device leader 10 pitches (min) 10 pitches (min) ....... ....... ....... ....... ....... ....... ....... ....... end start d 1 d 2 d w 1 t c direction of feed reel t aping specification b c d d d 2 d 1 s y m b o l a ( m m ) ( i n c h ) 1 . 9 6 9 m i n . 1 . 5 5 0 . 1 0 5 0 . 0 m i n . 1 3 . 0 0 . 2 0 3 3 0 2 . 0 0 0 . 0 6 1 0 . 0 0 4 1 2 . 9 9 0 . 0 7 9 0 . 5 1 2 0 . 0 0 8 3 . 6 7 0 . 1 0 0 . 1 4 4 0 . 0 0 4 smd zener diode page 5 rev :b qw -bz022 comchip t echnology co., l td. 5 . 6 9 0 . 1 0 0 . 2 2 4 0 . 0 0 4 2 . 6 7 0 . 1 0 0 . 1 0 5 0 . 0 0 4 i n d e x h o l e d e f b w p p 0 p 1 a d o - 2 1 4 a a ( s m b ) 8 . 0 0 0 . 1 0 4 . 0 0 0 . 1 0 2 . 0 0 0 . 0 5 s y m b o l ( m m ) ( i n c h ) 0 . 0 1 6 ( m a x ) 0 . 3 1 5 0 . 0 0 4 0 . 1 5 7 0 . 0 0 4 0 . 0 7 9 0 . 0 0 2 e f p p 0 p 1 w 1 . 7 5 0 . 1 0 0 . 0 6 9 0 . 0 0 4 5 . 5 0 0 . 0 5 0 . 2 1 7 0 . 0 0 2 1 2 . 0 0 . 3 0 0 . 4 7 2 0 . 0 1 2 t 1 8 . 4 ( m a x ) 0 . 7 2 4 ( m a x ) w 1 0 . 4 0 ( m a x ) d o - 2 1 4 a a ( s m b ) c o m c h i p s m d d i o d e s p e c i a l i s t
size (inch) 0.177 (mm) 4.50 1.50 3.60 0.059 0.142 smb 6.00 0.236 e 3.00 0.1 18 standard packaging case t ype qty per reel (pcs) 3,000 smb reel size (inch) 13 a b c d a c b e d suggested p ad layout smd zener diode page 6 rev :b qw -bz022 comchip t echnology co., l td. c o m c h i p s m d d i o d e s p e c i a l i s t marking code xxx 1. xxx : marking code ( see page .2~3) 2. : cathod band marking code


▲Up To Search▲   

 
Price & Availability of CZRB3027-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X